PART |
Description |
Maker |
GBJ25005-BP GBJ2504-BP GBJ2510-BP GBJ2502-BP GBJ25 |
RECT BRIDGE GPP 25A 50V GBJ 25 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 400V GBJ 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 1000V GBJ 25 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 25A 200V GBJ 25 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. Micro Commercial Compon...
|
150KSR5A 150KSR5AM 150LR5AM 150LR5A 152KSR5A 152KS |
150 A, 200 V, SILICON, RECTIFIER DIODE, DO-205AA DIODE 150 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AC, DO-30, 1 PIN, Rectifier Diode DIODE 150 A, 200 V, SILICON, RECTIFIER DIODE, DO-205AC, DO-30, 1 PIN, Rectifier Diode 150 A, 100 V, SILICON, RECTIFIER DIODE, DO-205AA 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-205AA 150 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AA 150 A, 400 V, SILICON, RECTIFIER DIODE, DO-205AA Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 二极50A阳极螺柱 DIODE 150A ANODE STUD 二极150A阳极螺柱 Standard Recovery Diodes(标准修复二极 50V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 50V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 100V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 1000V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 1000V 150A Std. Recovery Diode in a B-42package 100V 150A Std. Recovery Diode in a B-42package 800V 150A Std. Recovery Diode in a B-42package 50V 150A Std. Recovery Diode in a B-42package 400V 150A Std. Recovery Diode in a B-42package 600V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 300V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 400V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 600V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 800V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 800V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 400V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 200V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 200V 150A Std. Recovery Diode in a B-42package 200V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 100V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 1000V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 600V 150A Std. Recovery Diode in a B-42package Low Profile Power Relay, 1 Form A, 16A 250VAC, Sealed, Class F Coil STANDARD RECOVERY DIODES Stud Version 标准恢复二极管螺柱版 150 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AA 150 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AC
|
VISHAY SEMICONDUCTORS IRF[International Rectifier] International Rectifier, Corp.
|
AM29CPL154H-25DC AM29CPL154H-25/BXA AM29CPL154H-25 |
User Programmable Special Function ASIC 200V Single N-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTX2N7219 with Standard Packaging 100V Single N-Channel Hi-Rel MOSFET in a 18-pin LCC package; A JANTX2N6788U with Standard Packaging 200V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI260 with Standard Packaging 800V Single N-Channel Hi-Rel MOSFET in a TO-204AA package; A IRFAE40 with Standard Packaging -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package; A IRF5NJ5305 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A IRFF9110 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFN340 with Standard Packaging 1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRFNG50 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANTXV2N7237 with Standard Packaging -200V Single P-Channel Hi-Rel MOSFET in a TO-254AA package; A JANS2N7237 with Standard Packaging 40V Single N-Channel Hi-Rel MOSFET in a SMD-1 package; A IRL7N1404 with Standard Packaging 用户可编程ASIC的特殊功
|
Advanced Micro Devices, Inc.
|
1N4935RL 1N4007RL |
1A 200V Fast-Recovery Rectifier 1A 1000V Standard Rectifier
|
ON Semiconductor
|
SPD5616S SPD5616SM SPD5616SMS SPD5616SMSS SPD5616S |
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
|
http:// Solid States Devices, Inc
|
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
3PM8 3PM0 3PM2 3PM4 3PM6 |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(杞村?寮??锛??灏??锛???????00V锛?钩??????娴?.5A,????㈠??存?浜??绠? AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电000V,平均正向电.5A,标准恢复整流二极 Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(轴向引脚,密封型,反向电00V,平均正向电.5A,标准恢复整流二极
|
SEMTECH[Semtech Corporation]
|
FFPF15U20DN FFPF15U20 FFPF15U20DNTU |
Ultrafast with soft recovery FAST RECOVERY POWER RECTIFIER 15A/200V Ultra Fast Recovery Rectifier
|
FAIRCHILD[Fairchild Semiconductor]
|
D1FL20 D1FL20U |
Super Fast Recovery Rectifiers(200V 1.1A) Super Fast Recovery Rectifiers(200V 1.1A) 超快速恢复(200.1A的)
|
Shindengen Electric Mfg... SHINDENGEN[Shindengen Electric Mfg.Co.Ltd] Shindengen Electric Manufacturing Co., Ltd.
|
SDHD7.5K SDHP7.5K SDHP15K SDHD15K SDHN7.5K |
STANDARD RECOVERY HIGH VOLTAGE DOUBLER AND CENTER TAPS High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压7500V,温5℃时平均整流电流0.4A,高密高电标准恢复倍增整流 High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温5℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) High Density,High Voltage,Standard Recovery Center Tap Rectifier(反向电压7500V,温25℃时平均整流电流0.8A,高密高电标准恢复正中心抽头整流器) 0.8 A, 7500 V, 2 ELEMENT, SILICON, SIGNAL DIODE High Density,High Voltage,Standard Recovery Doubler Rectifier(反向电压15000V,温25℃时平均整流电流0.4A,高密高电标准恢复倍增整流 高密度,高电压,标准恢复倍流整流(反向电5000V,温25℃时平均整流电流0.4A,高密度,高电压,标准恢复倍增整流器)
|
Semtech Corporation Semtech, Corp.
|
|